Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10460 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C10460
Description  Signal processing unit for PSD module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10460 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C10460_15 Datasheet HTML 1Page - Hamamatsu Corporation C10460_15 Datasheet HTML 2Page - Hamamatsu Corporation C10460_15 Datasheet HTML 3Page - Hamamatsu Corporation C10460_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Signal processing unit for PSD module
C10460
2
Connection example
* Accessories of C10460
Signal processing
unit for PSD module
C10460
RS232C cable
AC adapter
*
Voltmeter,
oscilloscope, etc.
PC
Connection cable
for PSD module
*
Cable for
analog output
*
PSD module
C10443
Secure with optical
bench rod, etc.
KACCC0349EC
Analog section
Digital section
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output amplitude voltage
Vout
-10
-
+10
V
Output noise voltage
Vn
-
5
-
mVp-p
Offset voltage
Vos
-5
-
+5
mV
Position detection error
E
-
±3
-
%
Position resolution*2
∆R
-5-
μm
Cutoff frequency (-3 dB)
fc
-
13.5
-
kHz
*2: Reference value. Values may vary depending on operating environment.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Signal conversion time - mode 1*3
Tr1
2
-
-
ms
Signal conversion time - mode 2*4
Tr2
5
-
-
ms
Output form
-
Conforms to RS-232C (position signals, light level monitor), 16-bit
-
*
3: Communication parameter 115200 bps/8-bit/Non-parity/1 stop bit
*
4: Communication parameter 38400 bps/8-bit/Non-parity/1 stop bit


Similar Part No. - C10460_15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C104 VECTRON-C104 Datasheet
133Kb / 4P
   Typical Applications
logo
Sanken electric
C104 SANKEN-C104 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
Vectron International, ...
C104 VECTRON-C104 Datasheet
35Kb / 3P
   Standard 4-Pin DIP Package Enable Function
logo
Ledil, Inc.
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
   25 x 25 mm lens with ~90째 x 8째 oval beam
C10403_ROSE-D LEDIL-C10403_ROSE-D Datasheet
220Kb / 3P
   Rose Assembly
More results

Similar Description - C10460_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10459_C10460_KACC1135E04 HAMAMATSU-C10459_C10460_KACC1135E04 Datasheet
657Kb / 3P
   Signal processing unit for PSD module
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
   PSD signal processing circuit
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
   Signal processing circuit for 2-D PSD
C10475 HAMAMATSU-C10475_15 Datasheet
394Kb / 4P
   Signal processing unit for photodiode module
C3683-01 HAMAMATSU-C3683-01 Datasheet
124Kb / 2P
   Signal processing circuit for 1-D PSD
C3683-02 HAMAMATSU-C3683-02 Datasheet
547Kb / 5P
   Signal processing circuit for 1-D PSD
C5923 HAMAMATSU-C5923 Datasheet
125Kb / 2P
   Signal processing circuit for 1-D PSD
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
   Signal processing circuit for 2-D PSD
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com