Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5925 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 5P49V5925
Description  Programmable Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5925 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 5P49V5925 Datasheet HTML 3Page - Integrated Device Technology 5P49V5925 Datasheet HTML 4Page - Integrated Device Technology 5P49V5925 Datasheet HTML 5Page - Integrated Device Technology 5P49V5925 Datasheet HTML 6Page - Integrated Device Technology 5P49V5925 Datasheet HTML 7Page - Integrated Device Technology 5P49V5925 Datasheet HTML 8Page - Integrated Device Technology 5P49V5925 Datasheet HTML 9Page - Integrated Device Technology 5P49V5925 Datasheet HTML 10Page - Integrated Device Technology 5P49V5925 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NOVEMBER 11, 2016
7
PROGRAMMABLE CLOCK GENERATOR
5P49V5925 DATASHEET
Example 1
: The crystal load capacitance is specified as 8pF
and the stray capacitance at each crystal pin is Cs=1.5pF.
Assuming equal capacitance value at XIN and XOUT, the
equation is as follows:
8pF = (9pF + 0.5pF × XTAL[5:0] + 1.5pF) / 2
0.5pF × XTAL[5:0] = 5.5pF
XTAL[5:0] = 11 (decimal)
Example 2
: The crystal load capacitance is specified as 12pF
and the stray capacitance Cs is unknown. Footprints for
external capacitors Ce are added and a worst case Cs of 5pF
is used. For now we use Cs + Ce = 5pF and the right value for
Ce can be determined later to make 5pF together with Cs.
12pF = (9pF + 0.5pF × XTAL[5:0] + 5pF) / 2
XTAL[5:0] = 20 (decimal)
Manual Switchover Mode
When SM[1:0] is “0x”, the redundant inputs are in manual
switchover mode. In this mode, CLKSEL pin is used to switch
between the primary and secondary clock sources. The
primary and secondary clock source setting is determined by
the PRIMSRC bit. During the switchover, no glitches will occur
at the output of the device, although there may be frequency
and phase drift, depending on the exact phase and frequency
relationship between the primary and secondary clocks.


Similar Part No. - 5P49V5925

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
413Kb / 27P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5925 RENESAS-5P49V5925 Datasheet
691Kb / 27P
   Programmable Clock Generator
FEBRUARY 21, 2019
logo
Integrated Device Techn...
5P49V5925BdddNLGI IDT-5P49V5925BdddNLGI Datasheet
359Kb / 27P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5925BDDDNLGI RENESAS-5P49V5925BDDDNLGI Datasheet
691Kb / 27P
   Programmable Clock Generator
FEBRUARY 21, 2019
More results

Similar Description - 5P49V5925

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com