Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5913 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5P49V5913
Description  Programmable Clock Generator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5913 Datasheet(HTML) 1 Page - Integrated Device Technology

  5P49V5913 Datasheet HTML 1Page - Integrated Device Technology 5P49V5913 Datasheet HTML 2Page - Integrated Device Technology 5P49V5913 Datasheet HTML 3Page - Integrated Device Technology 5P49V5913 Datasheet HTML 4Page - Integrated Device Technology 5P49V5913 Datasheet HTML 5Page - Integrated Device Technology 5P49V5913 Datasheet HTML 6Page - Integrated Device Technology 5P49V5913 Datasheet HTML 7Page - Integrated Device Technology 5P49V5913 Datasheet HTML 8Page - Integrated Device Technology 5P49V5913 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DATASHEET
5P49V5913 NOVEMBER 11, 2016
1
©2014 Integrated Device Technology, Inc.
Programmable Clock Generator
5P49V5913
Description
The 5P49V5913 is a programmable clock generator intended
for high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface. This is IDTs fifth generation of programmable clock
technology (VersaClock® 5).
The frequencies are generated from a single reference clock.
The reference clock can come from one of the two redundant
clock inputs. A glitchless manual switchover function allows
one of the redundant clocks to be selected during normal
operation.
Two select pins allow up to 4 different configurations to be
programmed and accessible using processor GPIOs or
bootstrapping. The different selections may be used for
different operating modes (full function, partial function, partial
power-down), regional standards (US, Japan, Europe) or
system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.
Pin Assignment
Features
Generates up to two independent output frequencies
High performance, low phase noise PLL, <0.7 ps RMS
typical phase jitter on outputs:
– PCIe Gen1, 2, 3 compliant clock capability
– USB 3.0 compliant clock capability
– 1 GbE and 10 GbE
Two fractional output dividers (FODs)
Independent Spread Spectrum capability on each output
pair
Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
I2C serial programming interface
One reference LVCMOS output clock
Two universal output pairs:
– Each configurable as one differential output pair or two
LVCMOS outputs
I/O Standards:
– Single-ended I/Os: 1.8V to 3.3V LVCMOS
– Differential I/Os - LVPECL, LVDS and HCSL
Input frequency ranges:
– LVCMOS Reference Clock Input (XIN/REF) – 1MHz to
200MHz
– LVDS, LVPECL, HCSL Differential Clock Input (CLKIN,
CLKINB) – 1MHz to 350MHz
– Crystal frequency range: 8MHz to 40MHz
Output frequency ranges:
– LVCMOS Clock Outputs – 1MHz to 200MHz
– LVDS, LVPECL, HCSL Differential Clock Outputs –
1MHz to 350MHz
Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
Redundant clock inputs with manual switchover
Programmable loop bandwidth
Programmable slew rate control
Programmable crystal load capacitance
Individual output enable/disable
Power-down mode
1.8V, 2.5V or 3.3V core VDDD, VDDA
Available in 24-pin VFQFPN 4mm x 4mm package
-40° to +85°C industrial temperature operation
1
7
24-pin VFQFPN
19
13
XOUT
XIN/REF
CLKIN
OUT2
CLKINB
CLKSEL
OUT2B
VDDO2
VDDA
EPAD
GND
2
3
4
5
6
8
9 10 11 12
14
15
16
17
18
20
21
22
23
24
VDDA
NC
NC


Similar Part No. - 5P49V5913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
524Kb / 36P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5913 RENESAS-5P49V5913 Datasheet
818Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
logo
Integrated Device Techn...
5P49V5913BdddNLGI IDT-5P49V5913BdddNLGI Datasheet
482Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5913BDDDNLGI RENESAS-5P49V5913BDDDNLGI Datasheet
818Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
More results

Similar Description - 5P49V5913

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com