Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP180N10F3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STP180N10F3
Description  N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STP180N10F3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STP180N10F3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STP180N10F3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
STP180N10F3
DESCRIPTION
·
Ultra low on-resistance
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for high current switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
100
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-continuous@ TC=25℃
120
A
Drain Current-continuous@ TC=100℃
120
IDM
Drain Current-Single Plused
480
A
Ptot
Total Dissipation@TC=25℃
315
W
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.48
/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
/W


Similar Part No. - STP180N10F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP180N10F3 STMICROELECTRONICS-STP180N10F3 Datasheet
256Kb / 12P
   N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
More results

Similar Description - STP180N10F3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD65R600E6 ISC-IPD65R600E6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
IRL8113 ISC-IRL8113 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRLB8721 ISC-IRLB8721 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IRLZ24N ISC-IRLZ24N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP048N12N3 ISC-IPP048N12N3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP50R350CP ISC-IPP50R350CP Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP110N20NA ISC-IPP110N20NA Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R060C7 ISC-IPP60R060C7 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R299CP ISC-IPP60R299CP Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R520E6 ISC-IPP60R520E6 Datasheet
337Kb / 2P
   N-Channel MOSFET Transistor
IPP60R190E6 ISC-IPP60R190E6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com