Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP029N06N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP029N06N
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP029N06N Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP029N06N Datasheet HTML 2Page - Infineon Technologies AG IPP029N06N Datasheet HTML 3Page - Infineon Technologies AG IPP029N06N Datasheet HTML 4Page - Infineon Technologies AG IPP029N06N Datasheet HTML 5Page - Infineon Technologies AG IPP029N06N Datasheet HTML 6Page - Infineon Technologies AG IPP029N06N Datasheet HTML 7Page - Infineon Technologies AG IPP029N06N Datasheet HTML 8Page - Infineon Technologies AG IPP029N06N Datasheet HTML 9Page - Infineon Technologies AG IPP029N06N Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
OptiMOSTMPower-Transistor,60V
IPP029N06N
Rev.2.6,2015-02-10
Final Data Sheet
Table6Gatechargecharacteristics1)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
20
-
nC
VDD=30V,ID=100A,VGS=0to10V
Gate charge at threshold
Qg(th)
-
11
-
nC
VDD=30V,ID=100A,VGS=0to10V
Gate to drain charge
2)
Qgd
-
11
15
nC
VDD=30V,ID=100A,VGS=0to10V
Switching charge
Qsw
-
19
-
nC
VDD=30V,ID=100A,VGS=0to10V
Gate charge total
2)
Qg
-
56
66
nC
VDD=30V,ID=100A,VGS=0to10V
Gate plateau voltage
Vplateau
-
4.8
-
V
VDD=30V,ID=100A,VGS=0to10V
Gate charge total, sync. FET
Qg(sync)
-
49
-
nC
VDS=0.1V,VGS=0to10V
Output charge
2)
Qoss
-
65
82
nC
VDD=30V,VGS=0V
Table7Reversediode
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode continuous forward current
IS
-
-
120
A
TC=25°C
Diode pulse current
IS,pulse
-
-
480
A
TC=25°C
Diode forward voltage
VSD
-
1.0
1.2
V
VGS=0V,IF=100A,Tj=25°C
Reverse recovery time
2)
trr
-
54
86
ns
VR=30V,IF=100A,diF/dt=100A/µs
Reverse recovery charge
Qrr
-
77
-
nC
VR=30V,IF=100A,diF/dt=100A/µs
1) See
″Gate charge waveforms″ for parameter definition
2) Defined by design. Not subject to production test


Similar Part No. - IPP029N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP029N06N INFINEON-IPP029N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
logo
Inchange Semiconductor ...
IPP029N06N ISC-IPP029N06N Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPP029N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com