Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP50R350CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP50R350CP
Description  CoolMOSTM Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R350CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP50R350CP Datasheet HTML 1Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 2Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 3Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 4Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 5Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 6Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 7Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 8Page - Infineon Technologies AG IPP50R350CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPP50R350CP
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D=f(V DS); T j=150 °C
R DS(on)=f(I D); T j=150 °C
parameter: V GS
parameter: V GS
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
3
6
9
12
15
18
0
5
10
15
20
V
DS [V]
5.5 V
6 V
6.5 V
7 V
10 V
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
I
D [A]
Rev. 2.1
page 5
2012-05-08
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R DS(on)=f(T j); I D=5.6 A; V GS=10 V
I D=f(V GS); |V DS|>2|I D|R DS(on)max
parameter: T j
typ
98 %
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-60
-20
20
60
100
140
180
T
j [°C]
25 °C
150 °C
0
5
10
15
20
25
30
35
0
2
4
6
8
10
V
GS [V]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
3
6
9
12
15
18
0
5
10
15
20
V
DS [V]
5.5 V
6 V
6.5 V
7 V
10 V
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
I
D [A]
Rev. 2.1
page 5
2012-05-08


Similar Part No. - IPP50R350CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R350CP INFINEON-IPP50R350CP Datasheet
280Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-06
logo
Inchange Semiconductor ...
IPP50R350CP ISC-IPP50R350CP Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP50R350CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
SPA06N60C3 INFINEON-SPA06N60C3_10 Datasheet
227Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.3 2010-12-21
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
SPP11N80C3 INFINEON-SPP11N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD06N80C3 INFINEON-SPD06N80C3_13 Datasheet
631Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD02N80C3 INFINEON-SPD02N80C3_13 Datasheet
381Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com