Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T940018 Datasheet(PDF) 1 Page - E-SWITCH

Part # T940018
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T940018 Datasheet(HTML) 1 Page - E-SWITCH

  T940018 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
ULV4F2G11533
3:2
9/18/2015
T940018
B
MW
1
1
PANEL CUT-OUT
PANEL THICKNESS 1-10mm
LED 2
(-)
LED 1
(+)
SCHEMATIC
ON - ON
DPDT Illuminated
5
6
4
3
2
1
A
21989
New Release
9/18/15
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 3A 250 VAC cUL
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. MECHANICAL LIFE: 500,000 CYCLES.
8. INSULATION RESISTANCE: 1,000 M
@ 500VDC MIN.
9. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
10. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
11. OPERATING TEMP.: -20 C to 55 C
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 6V
14. TRAVEL: 3.2mm
15. ACTUATION FORCE: 3.5
1.0 N
16 MOUNTING NUT TORQUE: 5-14 Nm
17. INGRESS PROTECTION: IP67
18. HARDWARE SUPPLIED: O-RING AND HEXNUT
22.00
[.87 in]
15.50
[.61 in]
2.0
[.08 in]
17.5
[.69 in]
25.5
[1.00 in]
32.7
[1.29 in]
2.80
[.110 in]
10.00
[.394 in]
5.00
[.197 in]
5.5
[.22 in]
TERMINAL 3
TERMINAL 1
TERMINAL 2
M19 x 1.0
THREAD
ACTUATOR
BLACK ANODIZED
HOUSING
BLACK ANODIZED
17.80
[.70 in]
R9.60
[.38 in]
POWER SYMBOL
ILLUMINATED
GREEN
.50
[.02 in]
17.50
[.69 in]
FLATS
33.3
[1.31 in]
13.0
[.51 in]
TERMINAL 4
TERMINAL 5
LED 2
(-)
TERMINAL 6
LED 1
(+)
B
22127
UPDATED NOTE 7
1/19/16
MW


Similar Part No. - T940018

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T940010 E-SWITCH-T940010 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940011 E-SWITCH-T940011 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940012 E-SWITCH-T940012 Datasheet
163Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940013 E-SWITCH-T940013 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940014 E-SWITCH-T940014 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T940018

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com