Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C64A-30F6X Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27C64A-30F6X
Description  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-30F6X Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27C64A-30F6X Datasheet HTML 3Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 4Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 5Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 6Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 7Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 8Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 9Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 10Page - STMicroelectronics M27C64A-30F6X Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
at 12.5V, will program that M27C64A. A high level
E input inhibits the other M27C64A from being
programmed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correctly
programmed. The verify is accomplished with E
and G at VIL, P at VIH,VPP at 12.5V and VCC at 6V.
Electronic Signature
The Electronic Signature mode allows the reading
out of a binary code from an EPROM that will
identify its manufacturer and type. This mode is
intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
This mode is functional in the 25
°C ± 5°C ambient
temperature range that is required when program-
ming the M27C64A. To activate this mode, the
programming equipmentmust force 11.5V to 12.5V
on address line A9 of the M27C64A, with
VPP=VCC=5V. Two identifier bytes may then be
sequenced from the device outputs by toggling
address line A0 from VIL to VIH. All other address
lines must be held at VIL during Electronic Signa-
ture mode.
Byte 0 (A0=VIL) represents the manufacturer code
and byte 1 (A0=VIH) the device identifier code. For
the SGS-THOMSON M27C64A, these two identi-
fier bytes are given in Table 4 and can be read-out
on outputs Q0 to Q7.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristics of the M27C64A is
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that sunlight
and some type of fluorescent lamps have wave-
lengths in the 3000-4000 Å range.
Research
shows that constant exposure to room level fluo-
rescent lighting could erase a typical M27C64A in
about 3 years, while it would take approximately 1
week to cause erasure when exposed to direct
sunlight. If the M27C64A is to be exposed to these
types of lighting conditions for extended periods of
time, it is suggested that opaque labels be put over
the M27C64Awindow to prevent unintentional era-
sure. The recommended erasure procedure for
the M27C64A is exposure to short wave ultraviolet
light which has a wavelength of 2537 Å. The inte-
grated dose (i.e. UV intensity x exposure time) for
erasure should be a minimum of 15 W-sec/cm2.
The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with
12000 uW/cm2 power rating. The M27C64A should
be placed within 2.5 cm (1 inch) of the lamp tubes
during the erasure. Some lamps have a filter on
their tubeswhich should be removed beforeerasure.
DEVICE OPERATIONS (cont’d)
Speed
-15
150 ns
-20
200 ns
-25
250 ns
-30
300 ns
Package
F
FDIP28W
C
PLCC32
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
Option
X
Additional
Burn-in
TR
Tape & Reel
Packing
Example:
M27C64A
-15 F
1 TR
ORDERING INFORMATION SCHEME
For a list of available options (Speed, Package, etc...) refer to the current Memory Shortform catalogue.
For further information on any aspect of this device, please contact SGS-THOMSON Sales Office nearest
to you.
8/11
M27C64A


Similar Part No. - M27C64A-30F6X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C64A-30F6X STMICROELECTRONICS-M27C64A-30F6X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Similar Description - M27C64A-30F6X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com