Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS36553QRNLTQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMS36553QRNLTQ1
Description  3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS36553QRNLTQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LMS36553QRNLTQ1 Datasheet HTML 1Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 2Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 3Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 4Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 5Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 6Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 7Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 8Page - Texas Instruments LMS36553QRNLTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LMS36353QRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS36353QRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS36355QRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS36355QRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3635AQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3635AQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3635LQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3635LQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3635MQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3635MQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3635NQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3635NQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS36553QRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS36553QRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS36555QRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS36555QRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3655AQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3655AQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3655LQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3655LQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3655MQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3655MQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
LMS3655NQRNLRQ1
PREVIEW
VQFN-HR
RNL
22
3000
TBD
Call TI
Call TI
-40 to 150
LMS3655NQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
XMS3655MQRNLTQ1
PREVIEW
VQFN-HR
RNL
22
250
TBD
Call TI
Call TI
-40 to 150
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.


Similar Part No. - LMS36553QRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS36553QRNLTQ1 TI-LMS36553QRNLTQ1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS36553QRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com