Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS3635MQRNLTQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3635MQRNLTQ1
Description  3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3635MQRNLTQ1 Datasheet(HTML) 2 Page - Texas Instruments

  LMS3635MQRNLTQ1 Datasheet HTML 1Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 2Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 3Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 4Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 5Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 6Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 7Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 8Page - Texas Instruments LMS3635MQRNLTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
LMS3655-Q1, LMS3635-Q1
SNAS701 – SEPTEMBER 2016
www.ti.com
Product Folder Links: LMS3655-Q1 LMS3635-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device and Documentation Support.................... 3
5.1
Documentation Support ............................................ 3
5.2
Related Links ............................................................ 3
5.3
Receiving Notification of Documentation Updates.... 3
5.4
Community Resources.............................................. 3
5.5
Trademarks ............................................................... 3
5.6
Electrostatic Discharge Caution ................................ 3
5.7
Glossary .................................................................... 3
6
Mechanical, Packaging, and Orderable
Information ............................................................. 4
4 Revision History
DATE
REVISION
NOTES
September 2016
*
Initial release.


Similar Part No. - LMS3635MQRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3635MQRNLTQ1 TI-LMS3635MQRNLTQ1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3635MQRNLTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com