Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS3635MQRNLRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMS3635MQRNLRQ1
Description  3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS3635MQRNLRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LMS3635MQRNLRQ1 Datasheet HTML 1Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 2Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 3Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 4Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 5Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 6Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 7Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 8Page - Texas Instruments LMS3635MQRNLRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
0.001
0.01
0.1
1
10
Output Current (A)
V
IN=12
V
IN=24
L1=10µH
PVIN 1
PGND1
CBIAS
VCC
CBOOT
SW
EN
AVIN
FPWM
RESET
VOUT
LMS3635/55
AGND
3 X 47µF
10µF
470nF
PVIN 2
PGND2
SYNC
FB
NC
VIN
3.5V to 36V
10µF
2.2µF
10µF
0.1µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LMS3655-Q1, LMS3635-Q1
SNAS701 – SEPTEMBER 2016
LMS3635/55-Q1, 3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM Classification Level 2
Device CDM Classification Level C6
96% Peak Efficiency While Converting 12 V to 5 V
Low EMI and Switch Noise
Minimized Switch Node Ringing
Pseudo-Random Spread Spectrum
400-kHz (±10%) Fixed Switching Frequency
–40°C to +150°C Junction Temperature Range
External Frequency Synchronization
RESET Output With Internal Filter and 3-ms
Release Timer
Automatic Light Load Mode for Improved
Efficiency
Pin-Selectable Forced PWM Mode
Built-In Compensation, Soft Start, Current Limit,
Thermal Shutdown, and UVLO
0.35-V Dropout With 3.5-A Load at 25°C (Typical)
15-µA Iq – Quiescent Current at No Load (Typical)
3.5-A or 5.5-A Continuous Load Current
Output Voltage Options: 5 V, 3.3 V, and ADJ (1 V
to 15 V)
±2% Output Voltage Tolerance
4-mm × 5-mm, 0.5-mm Pitch SON Package
2 Applications
Automotive Systems
Industrial Performance
In-Dash Instrumentation
Battery-Powered Applications
3 Description
The LMS3635-Q1 and LMS3655-Q1 synchronous
buck regulators are optimized for high performance
applications, providing an output voltage of 3.3 V, 5
V, or an adjustable output of 1 V to 15 V. Seamless
transition between PWM and PFM modes, along with
a low quiescent current, ensures high efficiency and
superior transient responses at all loads.
Advanced high-speed circuitry allows the LMS3635-
Q1 and LMS3655-Q1 to regulate an input of 24 V to
an output of 3.3 V at a fixed frequency of 400 kHz.
An innovative frequency foldback architecture allows
this device to regulate a 3.3-V output from an input
voltage of only 3.5 V. The input voltage can range up
to 36 V, with transient tolerance up to 42 V, easing
input surge protection design. The LMS3655-Q1
enables a continuous load current of 5.5 A across the
wide input voltage range.
An open-drain reset output, with built-in filtering and
delay, provides a true indication of system status.
This feature negates the requirement for an additional
supervisory
component,
saving
cost
and
board
space.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
LMS3635-Q1
SON (22)
4.00 mm × 5.00 mm
LMS3655-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
LMS3635 and LMS3655 Efficiency: VOUT = 5 V


Similar Part No. - LMS3635MQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3635MQRNLRQ1 TI-LMS3635MQRNLRQ1 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
More results

Similar Description - LMS3635MQRNLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS3655-Q1 TI-LMS3655-Q1_V01 Datasheet
3Mb / 61P
[Old version datasheet]   LMS3635-Q1 3.5-A, LMS3655-Q1 5.5-A, 36-V Synchronous, 400-kHz Step-Down Converter
REVISED AUGUST 2021
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
[Old version datasheet]   5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
[Old version datasheet]   5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com