Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRL7 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SRL7
Description  Reinforced insulation between contact circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SRL7 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SRL7 Datasheet HTML 1Page - TE Connectivity Ltd SRL7 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SRL7 (Continued)
PCB layout / terminal assignment
Bottom view
Dimensions
S0567-DC
7 pole, 5 form A + 2 form B, 5NO + 2NC
Product code structure
Typical product code
SRL
7
52
3
D
024
Type
SRL Relay with force guided contacts SRL
Version
7
7 pole
Contact arrangement
52 5 form A + 2 form B contacts (5 NO + 2 NC)
Contact material
3
Ag SnO
Coil system
D DC coil
Coil
Coil code: please refer to coil versions table (e.g. 012=12VDC)
For versions with different contact configuration or other number of poles please contact your nearest TE contact or partner.


Similar Part No. - SRL7

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SRL SCHURTER-SRL Datasheet
309Kb / 3P
   LED Holder straight or angled with 3 mm and 5 mm LED
logo
IET Labs Inc.
SRL IET-SRL Datasheet
384Kb / 1P
   High-Accuracy, High-Stability Resistance Standards
Dec. 2022
logo
Lorlin Electronics Ltd.
SRL LORLIN-SRL Datasheet
744Kb / 2P
   SRL LOCK SWITCH
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
   SRL-05A-XX SERIES
logo
Diodes Incorporated
SRL-3500 DIODES-SRL-3500 Datasheet
85Kb / 1P
   35 AMP SOFT RECOVERY FAST SWITCHING LEAD MOUNT BUTTON DIODES
More results

Similar Description - SRL7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
SR6-D TEC-SR6-D Datasheet
334Kb / 2P
   High insulation distances between electrical circuits
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com