Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1638 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part No. AIC1638
Description  3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIC [Analog Intergrations Corporation]
Homepage  http://www.analog.com.tw
Logo 

AIC1638 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AIC1638
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
SPEC NO: DS-1638-00 03/01/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F,9IndustryE.9th Road,Science-basedIndustrial Park , Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
5
" TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
Temperature (
°C)
-40
-20
0
20
40
60
80
100
2.62
2.64
2.66
2.68
2.70
2.72
2.74
2.76
2.78
AIC1638-27 Output Voltage vs Temperature
No Load
-40
-20
0
20
40
60
80
100
20
40
60
80
100
120
140
160
AIC1638-27 Switching Frequency vs Temperature
Temperature (
°C)
-40
-20
0
20406080
100
66
68
70
72
74
76
78
80
82
AIC1638-27 Maximum Duty Cycle vs Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
AIC1638-27 SW On Resistance vs Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
20
24
28
32
36
40
44
48
52
AIC1638-27 Supply Current vs Temperature
Temperature (
°C)
 
0
1020
3040
506070
8090
100 110 120 130 140
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
2.0V
1.8V
1.5V
1.2V
VIN=0.9V
AIC1638-30 Load Regulation (L=100
µµµµH, CD54)
Output Current (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn