Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1638 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part No. AIC1638
Description  3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AIC [Analog Intergrations Corporation]
Homepage  http://www.analog.com.tw
Logo 

AIC1638 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AIC1638
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
SPEC NO: DS-1638-00 03/01/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F,9IndustryE.9th Road,Science-basedIndustrial Park , Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
4
" TYPICAL PERFORMANCE CHARACTERISTICS
Capacitor (C1) : 47
µ F (Tantalum Type)
Diode
(D1) : 1N5819 Schottky Type
AIC1638-27 Load Regulation (L=100
µH CD54)
0
20
40
60
80
100
120
140
160
180
2.2
2.3
2.4
2.5
2.6
2.7
2.8
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
VIN=0.9V
Output Current (mA)
AIC1638-27 Efficiency (L=100
µH CD54)
0
20
40
60
80
100
120
140
160
180
55
60
65
70
75
80
85
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
VIN=0.9V
Output current (mA)
AIC1638-27 Load Regulation (L=47
µH CD54)
0
20
40
60
80
100
120
140
160
180
200
220
240
2.3
2.4
2.5
2.6
2.7
2.8
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
VIN=0.9V
Output Current (mA)
240
85
AIC1638-27 Efficiency (L=47
µH CD54)
Output current (mA)
0
20
40
60
80
100
120
140
160
180
200
220
50
55
60
65
70
75
80
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
VIN=0.9V
AIC1638-27 Start-Up & Hold-ON Voltage (L=47
µH)
0
2
4
6
8
10
12
14
16
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Start up
Hold on
Output Current (mA)

AIC1638-27 Start-Up & Hold-ON Voltage (L=100
µH)
0
2
4
6
8
10
12
14
16
18
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Start up
Hold on
Output Current (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn