Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5805-02BA01 Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # MS5805-02BA01
Description  High resolution module, 20 cm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS5805-02BA01 Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button MS5805-02BA01 Datasheet HTML 10Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 11Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 12Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 13Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 14Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 15Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 16Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 17Page - TE Connectivity Ltd MS5805-02BA01 Datasheet HTML 18Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MS5805-02BA01
Miniature Altimeter Module
SENSOR SOLUTIONS /// MS5805-02BA01
09/2015
Page 15
PIN CONFIGURATION
Figure 13: pin configuration
Pin
Name
Type
Function
1
VDD
P
Positive supply voltage
2
SCL
I
Serial data Clock
3
SDA
IO
I2C data IO
4
GND
P
Ground
DEVICE PACKAGE OUTLINE
Figure 14: MS5805-02BA package outlines
Notes:
(1) Dimensions in mm
(2) Interpret Dim and tolerance per ASME Y14.5M - 1994
(3) Angular dimensions ± 0.3°
(4) Hole locations ± 0.1
(4) Linear dimension ± 0.1
(5) Cap centering ± 0.15 from center of the ceramic


Similar Part No. - MS5805-02BA01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
   High resolution module, 10cm
MS5803-02BA TEC-MS5803-02BA Datasheet
484Kb / 19P
   High resolution module, 20cm
MS5803-02BA01 TEC-MS5803-02BA01 Datasheet
484Kb / 19P
   High resolution module, 20cm
MS5803-05BA TEC-MS5803-05BA Datasheet
467Kb / 19P
   High resolution module, 30cm
MS5803-14BA TEC-MS5803-14BA Datasheet
485Kb / 19P
   High resolution module, 0.2 mbar
More results

Similar Description - MS5805-02BA01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5837-02BA01 TEC-MS5837-02BA01 Datasheet
631Kb / 16P
   High-resolution module, 13 cm
MS5806-02BA TEC-MS5806-02BA Datasheet
513Kb / 19P
   High resolution module, 20cm
MS5803-05BA TEC-MS5803-05BA Datasheet
467Kb / 19P
   High resolution module, 30cm
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
   High resolution module, 10cm
MS5803-02BA TEC-MS5803-02BA Datasheet
484Kb / 19P
   High resolution module, 20cm
MS5803-14BA TEC-MS5803-14BA Datasheet
485Kb / 19P
   High resolution module, 0.2 mbar
MS5803-30BA TEC-MS5803-30BA Datasheet
509Kb / 19P
   High resolution module, 0.5 mbar
logo
Contec Co., Ltd
ADI16-4GY CONTEC-ADI16-4GY Datasheet
332Kb / 3P
   Isolated High-Resolution Analog Input Module
DAI16-4GY CONTEC-DAI16-4GY Datasheet
206Kb / 3P
   Isolated High-Resolution Analog Output Module
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
   Small package and high resolution encoder module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com