Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 10 Page - TE Connectivity Ltd

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 10
SECOND ORDER TEMPERATURE COMPENSATION
Yes
No
SENS2 = 2
(TEMP
– 2000)
2
SENS2 = 0
SENS = SENS - SENS2
TEMP<20°C
Low temperature
T2 = dT
2 / 231
OFF2 = 0
T2 = 0
OFF2 = 61
(TEMP
– 2000)
2 / 24
OFF = OFF - OFF2
TEMP = TEMP - T2
Low temperature
High temperature
Calculate pressure and temperature
TEMP<-15°C
No
Yes
SENS2 = SENS2 + 12
(TEMP + 1500)
2
Low temperature
OFF2 = OFF2 + 20
(TEMP + 1500)
2
Very low temperature
Figure 3: Flow chart for pressure and temperature to the optimum accuracy.
SPI INTERFACE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn