Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 6 Page - TE Connectivity Ltd

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 6
PERFORMANCE CHARACTERISTICS
PRESSURE ERROR VS PRESSURE AND TEMPERATURE
TEMPERATURE ERROR VS TEMPERATURE AND EXTENDED PRESSURE RANGE (TYPICAL ERROR)
PRESSURE AND TEMPERATURE ERROR VS SUPPLY VOLTAGE
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0
200
400
600
800
1000
1200
Pressure [mbar]
Absolute pressure accuracy with 2nd order compensation
Typical
85
25
-40
-10.0
0.0
10.0
20.0
30.0
-40
-20
0
20
40
60
80
Temperature [°C]
Pressure accuracy vs temperature
Typical
1200 2nd
850 2nd
600 2nd
1200 1st
850 1st
600 1st
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-40
-20
0
20
40
60
80
Temperature [°C]
Temperature accuracy vs temperature
Typical
850mbar 2nd
order
850mbar 1st
order
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
0
200
400
600
800
1000 1200 1400 1600 1800 2000 2200
Pressure [mbar]
Absolute pressure error with 2nd order compensation
Typical in extended pressure range
85
-40
25
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply voltage [V]
Pressure error vs supply voltage at 25°C
(typical)
1000mbar 25°C
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply voltage [V]
Temperature error vs supply voltage
(typical)
1000mbar


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn