Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 5 Page - TE Connectivity Ltd

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 5
PERFORMANCE SPECIFICATIONS (CONTINUED)
DIGITAL INPUTS (PS, CSB, DIN, SCLK, SDA, SCL)
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Serial data clock
SCLK
SPI protocol
20
MHz
Serial data clock
SCL
I2C protocol
400
kHz
Input high voltage
VIH
Pins CSB
80% VDD
100% VDD
V
Input low voltage
VIL
0% VDD
20% VDD
V
Input leakage current
Ileak25°C
Ileak85°C
at 25°c
0.15
µA
CS low to first SCLK rising
tCSL
21
ns
CS low from last SCLK falling
tCSH
21
ns
PRESSURE OUTPUTS (DOUT, SDA, SCL)
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Output high voltage
VOH
Isource = 0.6 mA
80% VDD
100% VDD
V
Output low voltage
VOL
Isink
= 0.6 mA
0% VDD
20% VDD
V
Load capacitance
CLOAD
16
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn