Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 4 Page - TE Connectivity Ltd

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 4
PERFORMANCE SPECIFICATIONS (CONTINUED)
PRESSURE OUTPUT CHARACTERISTICS (VDD = 3 V, T = 25°C UNLESS OTHERWISE NOTED)
Parameter
Conditions
Min.
Typ.
Max
Unit
Operating Pressure Range
Prange
Full Accuracy
300
1100
mbar
Extended Pressure Range
Pext
Linear Range of
ADC
10
2000
mbar
Absolute Accuracy, no autozero
at 25°C, 700..1100 mbar
at 0..50°C, 300..1100 mbar
at -20..85°C, 300..1100 mbar
at -40..85°C, 300..1100 mbar
-1.5
-2.0
-3.5
-6.0
+1.5
+2.0
+3.5
+6.0
mbar
Absolute Accuracy, autozero at
one pressure point
at 25°C, 700..1100 mbar
at 0..50°C, 300..1100 mbar
at -20..85°C, 300..1100 mbar
at -40..85°C, 300..1100 mbar
-0.5
-1.0
-2.5
-5.0
+0.5
+1.0
+2.5
+5.0
mbar
Maximum error with supply
voltage
VDD
= 1.8 V … 3.6 V
+/- 2.5
mbar
Long-term stability
+/-1
mbar/yr
Resolution RMS
OSR
4096
2048
1024
512
256
0.024
0.036
0.054
0.084
0.130
mbar
TEMPERATURE OUTPUT CHARACTERISTICS (VDD = 3 V, T = 25°C UNLESS OTHERWISE NOTED)
Parameter
Conditions
Min.
Typ.
Max
Unit
Absolute Accuracy
at 25°C
-20..85°C
-40..85°C
-0.8
-2.0
-4.0
+0.8
+2.0
+4.0
°C
Maximum error with supply
voltage
VDD
= 1.8 V … 3.6 V
+/- 0.5
°C
Resolution RMS
OSR
4096
2048
1024
512
256
0.002
0.003
0.005
0.008
0.012
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn