Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 3 Page - TE Connectivity Ltd

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 3
PERFORMANCE SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Supply voltage
VDD
-0.3
+4.0
V
Storage temperature
TS
-40
+125
°C
Overpressure
Pmax
ISO 2281
10
bar
Maximum Soldering
Temperature
Tmax
40 sec max
250
°C
ESD rating
Human Body
Model
-4
+4
kV
Latch up
JEDEC standard
No 78
-100
+100
mA
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Operating Supply voltage
VDD
1.8
3.0
3.6
V
Operating Temperature
T
-40
+25
+85
°C
Supply current
(1 sample per sec.)
IDD
OSR
4096
2048
1024
512
256
12.5
6.3
3.2
1.7
0.9
µA
Peak supply current
during conversion
1.4
mA
Standby supply current
at 25°c
0.02
0.14
µA
VDD Capacitor
From VDD to GND
100
nF
ANALOG DIGITAL CONVERTER (ADC)
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Output Word
24
bit
Conversion time
tc
OSR
4096
2048
1024
512
256
7.40
3.72
1.88
0.95
0.48
8.22
4.13
2.08
1.06
0.54
9.04
4.54
2.28
1.17
0.60
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn