Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 2 Page - TE Connectivity Ltd

 
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 2
FEATURES
FIELD OF APPLICATION
Mobile altimeter / barometer systems
Bike computers
Adventure or multi-mode watches
Variometers
Dataloggers
TECHNICAL DATA
Sensor Performances (VDD = 3 V)
Pressure
Min
Typ
Max
Unit
Range
10
1100
mbar
ADC
24
bit
Resolution (1)
0.13 / 0.084 / 0.054
/ 0.036 / 0.024
mbar
Accuracy 25°C,
750 to 1100 mbar
-1.5
+1.5
mbar
Accuracy -20°C to + 85°C,
300 to 1100 mbar (2)
-2.5
+2.5
mbar
Response time
0.5 / 1.1 / 2.1 / 4.1 /
8.22
ms
Long term stability
+/-1
mbar/yr
Temperature
Min
Typ
Max
Unit
Range
-40
+85
°C
Resolution
<0.01
°C
Accuracy
-0.8
+0.8
°C
Notes: (1) Oversampling Ratio: 256 / 512 / 1024 / 2048 / 4096
(2) With autozero at one pressure point
FUNCTIONAL BLOCK DIAGRAM
VDD
GND
PS
SCLK
SDO
SDI/SDA
Meas. MUX
ADC
Digital
Interface
Memory
(PROM)
128 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
PGA
CSB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn