Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MS5803-02BA Datasheet(PDF) 16 Page - TE Connectivity Ltd

Part No. MS5803-02BA
Description  High resolution module, 20cm
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

MS5803-02BA Datasheet(HTML) 16 Page - TE Connectivity Ltd

 
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MS5803-02BA
Miniature Altimeter Module
SENSOR SOLUTIONS ///MS5803-02BA
09/2015
Page 16
PACKAGE OUTLINE AND PIN CONFIGURATION
TOP view
Pin
Name
Type
Function
1
SCLK
I
Serial data clock
2
GND
G
Ground
3
CSB
I
Chip Select (active low)
4
NC
NC
-
5
VDD
P
Positive supply voltage
6
PS
I
Communication protocol select
SPI / I2C
7
SDI/SDA
I
Serial data input
8
SDO
O
Serial data output
8
1
7
2
6
3
5
4
5
4
6
3
7
2
8
1
Figure 18: MS5803-01BA package outlines, pin configuration and description
Notes:
(1) Dimensions in mm
(2) General tolerance ±0.1
(3) Cap centering ± 0.15 from center of the ceramic
RECOMMENDED PAD LAYOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn