Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSX7192IST Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX7192IST
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IST Datasheet(HTML) 4 Page - STMicroelectronics

  TSX7192IST Datasheet HTML 1Page - STMicroelectronics TSX7192IST Datasheet HTML 2Page - STMicroelectronics TSX7192IST Datasheet HTML 3Page - STMicroelectronics TSX7192IST Datasheet HTML 4Page - STMicroelectronics TSX7192IST Datasheet HTML 5Page - STMicroelectronics TSX7192IST Datasheet HTML 6Page - STMicroelectronics TSX7192IST Datasheet HTML 7Page - STMicroelectronics TSX7192IST Datasheet HTML 8Page - STMicroelectronics TSX7192IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Absolute maximum ratings and operating
conditions
TSX7192
4/25
DocID027196 Rev 1
2
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
(1)
18
V
Vid
Differential input voltage
(2)
±VCC
mV
Vin
Input voltage
(VCC-) - 0.2 to (VCC+) + 0.2
V
Iin
Input current
(3)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
ESD
HBM: human body model
(4)
4000
V
MM: machine model
(5)
100
CDM: charged device model
(6)
1500
Latch-up immunity
200
mA
Notes:
(1)
All voltage values, except the differential voltage are with respect to the network ground terminal.
(2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. See
Section 4.7 for precautions to follow when using the TSX7192 with high differential input voltage.
(3)
Input current must be limited by a resistor in series with the inputs.
(4)
According to JEDEC standard JESD22-A114F.
(5)
According to JEDEC standard JESD22-A115A.
(6)
According to ANSI/ESD STM5.3.1.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 16
V
Vicm
Common mode input voltage range
(VCC- ) - 0.1 to (VCC+) + 0.1
Toper
Operating free air temperature range
-40 to 125
°C


Similar Part No. - TSX7192IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
March 2017 Rev 3
TSX7191A STMICROELECTRONICS-TSX7191A Datasheet
1Mb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
March 2017 Rev 3
TSX7191AILT STMICROELECTRONICS-TSX7191AILT Datasheet
1Mb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
March 2017 Rev 3
TSX7191AIYLT STMICROELECTRONICS-TSX7191AIYLT Datasheet
1Mb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
March 2017 Rev 3
TSX7191ILT STMICROELECTRONICS-TSX7191ILT Datasheet
1Mb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
March 2017 Rev 3
More results

Similar Description - TSX7192IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
March 2017 Rev 3
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com