Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9532YI-T2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT9532YI-T2
Description  16-bit Programmable LED Dimmer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9532YI-T2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT9532YI-T2 Datasheet HTML 6Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 7Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 8Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 9Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 10Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 11Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 12Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 13Page - ON Semiconductor CAT9532YI-T2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT9532
www.onsemi.com
11
Application Information
Programming Example
The following programming sequence is an example how
to set:
LED0 to LED3: ON
LED4 to LED7: Dimming at 30% brightness; Blink 1:
152 Hz, duty cycle 30%
LED8 to LED11: Blink at 2 Hz with 50% duty cycle
(Blink 2)
LED12 to LED15: OFF
Figure 14. Typical Application
5 V
5 V
LED0
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
A2
A1
A0
SDA
SCL
CAT9532
SDA
SCL
GND
10 k
W (x 3)
GPIOs
RESET
RESET
VCC
VCC
VSS
I2C/SMBus
MASTER
Command Description
I2C Data
1
START
2
Send Slave address, A0−A2 = low
C0h
3
Command Byte: AI=”1”; PSC0 Addr
12h
4
Set Blink 1 at 152Hz, T_Blink1 = 1/152
Write PSC0 = 0
00h
5
Set PWM0 duty cycle to 30%
PWM0 / 256 = 0.3; Write PWM0=77
4Dh
6
Set Blink 2 at 2Hz, T_Blink1 = 1/2
Write PSC1 = 75
4Bh
7
Set PWM1 duty cycle to 50%
PWM1 / 256 = 0.5; Write PWM1=128
80h
8
Write LS0: LED0 to LED3 = ON
55h
9
Write LS1: LED4 to LED7 at Blink1
AAh
10
Write LS2: LED8 to LED11 at Blink2
FFh
11
Write LS3: LED12 to LED15 = OFF
00h
12
STOP
Figure 15.
qJA Transient Response Curve for TSSOP−24
Table 11. THERMAL RATINGS
Parameters
Ratings
Units
qJA TSSOP−24 (Note 8)
124
°C/W
8. Based on JEDEC EIA/JESD51−3 (2.0 oz Cu, 100 mm2)


Similar Part No. - CAT9532YI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532YI-T2 ONSEMI-CAT9532YI-T2 Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
CAT9532YI-T2 ONSEMI-CAT9532YI-T2 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
More results

Similar Description - CAT9532YI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
NXP Semiconductors
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com