Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC245DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74AC245DWR2G
Description  Octal Bidirectional Transceiver with 3-State Inputs/Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC245DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

  MC74AC245DWR2G Datasheet HTML 1Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC245DWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74AC245, MC74ACT245
www.onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC74AC245DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC245DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT245DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT245DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74AC245DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74AC245DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
MC74ACT245DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74ACT245DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
SOIC−20W
TSSOP−20
1
20
AC
245
ALYW
G
G
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
ACT
245
ALYW
G
G
20
1
ACT245
AWLYYWWG
20
1
AC245
AWLYYWWG


Similar Part No. - MC74AC245DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC245DWR2G ONSEMI-MC74AC245DWR2G Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
More results

Similar Description - MC74AC245DWR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com