Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC153 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC153
Description  Dual 4-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC153 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC153 Datasheet HTML 1Page - ON Semiconductor MC74AC153 Datasheet HTML 2Page - ON Semiconductor MC74AC153 Datasheet HTML 3Page - ON Semiconductor MC74AC153 Datasheet HTML 4Page - ON Semiconductor MC74AC153 Datasheet HTML 5Page - ON Semiconductor MC74AC153 Datasheet HTML 6Page - ON Semiconductor MC74AC153 Datasheet HTML 7Page - ON Semiconductor MC74AC153 Datasheet HTML 8Page - ON Semiconductor MC74AC153 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
MC74AC153/D
MC74AC153, MC74ACT153
Dual 4-Input Multiplexer
The MC74AC153/74ACT153 is a high−speed dual 4−input
multiplexer with common select inputs and individual enable inputs for
each section. It can select two lines of data from four sources. The two
buffered outputs present data in the true (non−inverted) form. In addition
to multiplexer operation, the MC74AC153/74ACT153 can act as a
function generator and generate any two functions of three variables.
Outputs Source/Sink 24 mA
′ACT153 Has TTL Compatible Inputs
These are Pb−Free Devices
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
Eb
S0
I3b
I2b
I1b
I0b
Zb
Ea
S1
I3a
I2a
I1a
I0a
Za
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
I0a−I3a
Side A Data Inputs
I0b−I3b
Side B Data Inputs
S0, S1
Common Select Inputs
Ea
Side A Enable Input
Eb
Side B Enable Input
Za
Side A Output
Zb
Side B Output
TRUTH TABLE
Select
Inputs
Inputs (a or b)
Output
S0
S1
E
I0
I1
I2
I3
Z
X
X
H
X
X
X
X
L
L
L
L
L
X
X
X
L
L
L
L
H
X
X
X
H
H
L
L
X
L
X
X
L
H
L
L
X
H
X
X
H
L
H
L
X
X
L
X
L
L
H
L
X
X
H
X
H
H
H
L
X
X
X
L
L
H
H
L
X
X
X
H
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
1
16
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
1
16
xxx153G
AWLYWW
xxx
153
ALYW
G
G
1
16
(Note: Microdot may be in either location)


Similar Part No. - MC74AC153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153D ONSEMI-MC74AC153D Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153DR2 ONSEMI-MC74AC153DR2 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153DT ONSEMI-MC74AC153DT Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC153DTR2 ONSEMI-MC74AC153DTR2 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
More results

Similar Description - MC74AC153

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com