Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC259DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74AC259DR2G
Description  8-Bit Addressable Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC259DR2G Datasheet(HTML) 8 Page - ON Semiconductor

  MC74AC259DR2G Datasheet HTML 1Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 2Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 3Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 7Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 8Page - ON Semiconductor MC74AC259DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74AC259, MC74ACT259
www.onsemi.com
8
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Dn to E
5.0
3.0
4.0
ns
3−9
th
Hold Time, HIGH or LOW
Dn to E
5.0
2.5
2.5
ns
3−9
ts
Setup Time
Address to E
5.0
4.5
6.5
ns
3−6
th
Hold Time
Address to E
5.0
2.5
2.5
ns
3−6
tw
Minimum Pulse
5.0
7.0
7.5
ns
3−6
Width MR
tw
Minimum Pulse
5.0
7.0
7.5
ns
3−6
Width E
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50.0
pF
VCC = 5.0 V
ORDERING INFORMATION
Part Number
Package
Shipping
MC74AC259DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC259DR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
MC74ACT259DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74ACT259DR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74AC259DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC259DR2G ONSEMI-MC74AC259DR2G Datasheet
121Kb / 11P
   8?묪it Addressable Latch
November, 2005 ??Rev. 6
More results

Similar Description - MC74AC259DR2G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com