Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC373DWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC373DWR2G
Description  Octal Transparent Latch with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC373DWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC373DWR2G Datasheet HTML 1Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 9
1
Publication Order Number:
MC74AC373/D
MC74AC373, MC74ACT373
Octal Transparent Latch
with 3-State Outputs
The MC74AC373/74ACT373 consists of eight latches with 3−state
outputs for bus organized system applications. The flip−flops appear
transparent to the data when Latch Enable (LE) is HIGH. When LE is
LOW, the data that meets the setup time is latched. Data appears on the
bus when the Output Enable (OE) is LOW. When OE is HIGH, the bus
output is in the high impedance state.
Features
Eight Latches in a Single Package
3−State Outputs for Bus Interfacing
Outputs Source/Sink 24 mA
′ACT373 Has TTL Compatible Inputs
These are Pb−Free Devices
Figure 1. Pinout: 20−Lead Packages Conductors
(Top View)
19
20
18
17
16
15
14
2
1
3
4
567
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
LE
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
PIN ASSIGNMENT
PIN
FUNCTION
D0−D7
Data Inputs
LE
Latch Enable Input
OE
Output Enable Input
O0−O7
3−State Latch Outputs
Figure 2. Logic Symbol
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
LE
OE
www.onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
1
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC373DWR2G ONSEMI-MC74AC373DWR2G Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com