Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC374 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC374
Description  Octal D-Type Flip-Flop with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC374 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC374_15 Datasheet HTML 1Page - ON Semiconductor MC74AC374_15 Datasheet HTML 2Page - ON Semiconductor MC74AC374_15 Datasheet HTML 3Page - ON Semiconductor MC74AC374_15 Datasheet HTML 4Page - ON Semiconductor MC74AC374_15 Datasheet HTML 5Page - ON Semiconductor MC74AC374_15 Datasheet HTML 6Page - ON Semiconductor MC74AC374_15 Datasheet HTML 7Page - ON Semiconductor MC74AC374_15 Datasheet HTML 8Page - ON Semiconductor MC74AC374_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Figure 2. Logic Symbol
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
OE
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 9
1
Publication Order Number:
MC74AC374/D
MC74AC374, MC74ACT374
Octal D-Type Flip-Flop with
3-State Outputs
The MC74AC374/74ACT374 is a high−speed, low−power octal
D−type flip−flop featuring separate D−type inputs for each flip−flop
and 3−state outputs for bus−oriented applications. A buffered Clock
(CP) and Output Enable (OE) are common to all flip−flops.
Features
Buffered Positive Edge−Triggered Clock
3−State Outputs for Bus−Oriented Applications
Outputs Source/Sink 24 mA
See MC74AC273 for Reset Version
See MC74AC377 for Clock Enable Version
See MC74AC373 for Transparent Latch Version
See MC74AC574 for Broadside Pinout Version
See MC74AC564 for Broadside Pinout Version with Inverted
Outputs
′ACT374 Has TTL Compatible Inputs
These are Pb−Free Devices
Figure 1. Pinout: 20 Lead Packages Conductors
(Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
CP
OE
O0
D0
D1
O1
O2
D2
D3
O3
GND
PIN ASSIGNMENT
PIN
FUNCTION
D0−D7
Data Inputs
CP
Clock Pulse Input
OE
3−State Output Enable Input
O0−O7
3−State Outputs
www.onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
1
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC74AC374_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC374DTR2 ONSEMI-MC74AC374DTR2 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC374DTR2G ONSEMI-MC74AC374DTR2G Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
Motorola, Inc
MC74AC374DW MOTOROLA-MC74AC374DW Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC374DW ONSEMI-MC74AC374DW Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74AC374DWG ONSEMI-MC74AC374DWG Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC374_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com