Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC652DWR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC652DWR2G
Description  Octal Transceiver/Register with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC652DWR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC652DWR2G Datasheet HTML 1Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC652DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74AC652, MC74ACT652
www.onsemi.com
5
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40
°C to
+85
°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = − 50 μA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
− 12 mA
4.5
3.86
3.76
IOH
− 24 mA
5.5
4.86
4.76
− 24 mA
VOL
Minimum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 μA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
IOZT
Maximum
3-State
VI (OE) = VIL, VIH
5.5
±0.6
±6.0
μA
VI = VCC, GND
Current
VO= VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one input loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V.


Similar Part No. - MC74AC652DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC652DWR2 ONSEMI-MC74AC652DWR2 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
More results

Similar Description - MC74AC652DWR2G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com