Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8L151C8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM8L151C8
Description  device limitations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C8 Datasheet(HTML) 4 Page - STMicroelectronics

  STM8L151C8 Datasheet HTML 1Page - STMicroelectronics STM8L151C8 Datasheet HTML 2Page - STMicroelectronics STM8L151C8 Datasheet HTML 3Page - STMicroelectronics STM8L151C8 Datasheet HTML 4Page - STMicroelectronics STM8L151C8 Datasheet HTML 5Page - STMicroelectronics STM8L151C8 Datasheet HTML 6Page - STMicroelectronics STM8L151C8 Datasheet HTML 7Page - STMicroelectronics STM8L151C8 Datasheet HTML 8Page - STMicroelectronics STM8L151C8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Silicon limitations
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
4/18
DocID17922 Rev 6
1
Silicon limitations
Table 3 gives a summary of the fix status.
Legend for Table 3: A = workaround available; N = no workaround available; P = partial
workaround available; N/A: not applicable; ‘-’ and grayed = fixed.
Table 3. Summary of STM8AL3xxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 silicon
limitations
Section
Limitation
STM8L15xM8/R8/C8/R6
STM8L162x8,
STM8AL318x,
STM8AL3L8x,
STM8AL3xE8x
rev. Z
STM8L052R8
rev. Z
Section 1.1: Core
limitations
Section 1.1.1: Interrupt service routine (ISR)
executed with priority of main process
NN
Section 1.1.2: Main CPU execution is not resumed
after an ISR resets the AL bit
AA
Section 1.1.3: Unexpected DIV/DIVW instruction
result in ISR
AA
Section 1.1.4: Incorrect code execution when WFE
execution is interrupted by ISR or event
AA
Section 1.1.5: Core kept in stall mode when DMA
transfer occurs during program/ erase operation to
EEPROM
AA
Section 1.1.6: Incorrect code execution when
FLASH/EEPROM memory wakes up from power
down mode
AA
Section 1.2:
System
limitations
Section 1.2.1: Default DAC output level when output
buffer is enabled
NN/A
Section 1.2.2: 32.768 kHz LSE crystal accuracy may
be disturbed by the use of adjacent I/Os
NN
Section 1.2.3: RTC LSE failure can be detected just
once after power-on reset
NN


Similar Part No. - STM8L151C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C8 STMICROELECTRONICS-STM8L151C8 Datasheet
1Mb / 134P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
July 2013 Rev 6
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
More results

Similar Description - STM8L151C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
84Kb / 8P
   STM8S performance line revision X device limitations
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
   Respects source limitations
August 2008 Rev 1
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
   POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
THOR communications
F-HDMI THOR-F-HDMI Datasheet
952Kb / 1P
   Thor F-HDMI-SMSC fiber extenders eliminate the limitations of traditional multimode or CAT5 HDMI extenders.
logo
National Semiconductor ...
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
   CRD Device (FDDI Clock Recovery Device)
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
   CDD Device (FDDI Clock Distribution Device)
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
   Bidirectional device
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
   Device Qualification
logo
List of Unclassifed Man...
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
   Acoustic device,
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com