Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVXT4053DG Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74LVXT4053DG
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVXT4053DG Datasheet HTML 1Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 2Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 3Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 4Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 5Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVXT4053
www.onsemi.com
4
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25°C
v85°C v125°C
VIH
Minimum High−Level Input Voltage,
Channel−Select or Enable Inputs
3.0
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage,
Channel−Select or Enable Inputs
3.0
4.5
5.5
0.5
0.8
0.8
0.5
0.8
0.8
0.5
0.8
0.8
V
IIN
Maximum Input Leakage Current,
Channel−Select or Enable Inputs
VIN = 6.0 or GND
0 V to 6.0 V
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND
6.0
4.0
40
80
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25°C v85_C v125_C
RON
Maximum “ON” Resistance
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA (Figure 3)
3.0
4.5
3.0
0
0
−3.0
86
37
26
108
46
33
120
55
37
W
DRON
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
VIN = VIL or VIH
VIS = ½ (VCC − VEE)
|IS| = 2.0 mA
3.0
4.5
3.0
0
0
−3.0
15
13
10
20
18
15
20
18
15
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
+3.0
0
−3.0
0.1
0.1
0.5
0.5
1.0
1.0
mA
Maximum Off−Channel Leakage
Current, Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
Ion
Maximum On−Channel Leakage
Current, Channel−to−Channel
Vin = VIL or VIH;
Switch−to−Switch =
VCC or GND; (Figure 5)
5.5
+3.0
0
−3.0
0.2
0.2
2.0
2.0
4.0
4.0
mA
AC CHARACTERISTICS (Input tr = tf = 3 ns)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
−55 to 25_C
v85_C v125_C
Min
Typ*
tBBM
Minimum Break−Before−Make
Time
VIN = VIL or VIH
VIS = VCC
RL = 300 W, CL = 35 pF
(Figures 11 and 12)
3.0
4.5
3.0
0.0
0.0
−3.0
1.0
1.0
1.0
6.5
5.0
3.5
ns
*Typical Characteristics are at 25_C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn