Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVXT4053DG Datasheet(PDF) 9 Page - ON Semiconductor

Part No. MC74LVXT4053DG
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053DG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74LVXT4053DG Datasheet HTML 5Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 9Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 10Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 11Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 12Page - ON Semiconductor MC74LVXT4053DG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC74LVXT4053
www.onsemi.com
9
Figure 11. Break−Before−Make, Test Set−Up
Figure 12. Break−Before−Make Time
ON
OFF
6
7
8
VCC
VEE
9 − 11
Tek 11801B
DSO
COM
INPUT
16
RL
CL
VIN
50 W
VIN
80%
VCC
tBBM
80% of
VOH
Figure 13. Propagation Delays, Channel Select
to Analog Out
Figure 14. Propagation Delay, Test Set−Up
Channel Select to Analog Out
VCC
GND
CHANNEL
SELECT
ANALOG
OUT
50%
tPLH
tPHL
50%
ON/OFF
6
7
8
16
VCC
CL*
CHANNEL SELECT
TEST
POINT
COMMON
OFF/ON
ANALOG I/O
VCC
ON/OFF
6
7
8
ENABLE
VCC
ENABLE
90%
50%
10%
tf
tr
VCC
GND
ANALOG
OUT
tPZL
ANALOG
OUT
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
50%
50%
ANALOG I/O
CL*
TEST
POINT
16
VCC
1 KW
1
2
1
2
POSITION 1 WHEN TESTING tPHZ AND tPZH
POSITION 2 WHEN TESTING tPLZ AND tPZL
GND
GND
O/I
Channel Selects connected
to VIN and appropriately
configured to test each switch.
VOH
*Includes all probe and jig capacitance.
Figure 15. Propagation Delays, Enable to
Analog Out
Figure 16. Propagation Delay, Test Set−Up
Enable to Analog Out


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn