Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV2T244DR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLSV2T244DR2G
Description  2-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV2T244DR2G Datasheet(HTML) 7 Page - ON Semiconductor

  NLSV2T244DR2G Datasheet HTML 1Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 2Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 3Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 4Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 5Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 6Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 7Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 8Page - ON Semiconductor NLSV2T244DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NLSV2T244
www.onsemi.com
7
PACKAGE DIMENSIONS
UDFN8 1.8 x 1.2, 0.4P
CASE 517AJ
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 mm FROM TERMINAL TIP.
4. MOLD FLASH ALLOWED ON TERMINALS
ALONG EDGE OF PACKAGE. FLASH MAY
NOT EXCEED 0.03 ONTO BOTTOM
SURFACE OF TERMINALS.
5. DETAIL A SHOWS OPTIONAL
CONSTRUCTION FOR TERMINALS.
A B
E
D
BOTTOM VIEW
b
e
8X
B
A
C
C NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
(A3)
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L
8X
1
4
5
8
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.15
0.25
D
1.80 BSC
E
1.20 BSC
e
0.40 BSC
L
0.45
0.55
e/2
b2
0.30 REF
L1
0.00
0.03
L2
0.40 REF
DETAIL A
(L2)
(b2)
NOTE 5
L1
DETAIL A
M
0.10
M
0.05
0.22
0.32
8X
1.50
0.40 PITCH
0.66
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT
7X
1
SOLDERMASK DEFINED


Similar Part No. - NLSV2T244DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T244DR2G ONSEMI-NLSV2T244DR2G Datasheet
165Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
NLSV2T244DR2G ONSEMI-NLSV2T244DR2G Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
More results

Similar Description - NLSV2T244DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV2T244 ONSEMI-NLSV2T244 Datasheet
165Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
NLSV22T244 ONSEMI-NLSV22T244_12 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV22T244 ONSEMI-NLSV22T244 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com