Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ74 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SZ74
Description  Single D Flip Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ74 Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SZ74_15 Datasheet HTML 1Page - ON Semiconductor NL17SZ74_15 Datasheet HTML 2Page - ON Semiconductor NL17SZ74_15 Datasheet HTML 3Page - ON Semiconductor NL17SZ74_15 Datasheet HTML 4Page - ON Semiconductor NL17SZ74_15 Datasheet HTML 5Page - ON Semiconductor NL17SZ74_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL17SZ74
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage − Output in High or Low State (Note 1)
−0.5 to VCC +0.5
V
IIK
DC Input Diode Current
VI < GND
−50
mA
IOK
DC Output Diode Current
VO < GND
−50
mA
IO
DC Output Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance (Note 2)
250
°C/W
PD
Power Dissipation in Still Air at 85
°C
250
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating, Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
>4000
>200
N/A
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 6)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm X 1 inch, 2 ounce copper trace with no air flow.
3. Tested to EIA/JESD22−A114−A.
4. Tested to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.5
5.5
5.5
V
VI
Input Voltage (Note 7)
0
5.5
V
VO
Output Voltage (HIGH or LOW State)
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 2.5 V ±0.2 V
VCC = 3.0 V ±0.3 V
VCC = 5.0 V ±0.5 V
0
0
0
20
10
5.0
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
7. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.


Similar Part No. - NL17SZ74_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ74US ONSEMI-NL17SZ74US Datasheet
108Kb / 12P
   Single D Flip Flop
May, 2002 ??Rev. 2
NL17SZ74US ONSEMI-NL17SZ74US Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
NL17SZ74USG ONSEMI-NL17SZ74USG Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
NL17SZ74 ONSEMI-NL17SZ74_06 Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
More results

Similar Description - NL17SZ74_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
108Kb / 12P
   Single D Flip Flop
May, 2002 ??Rev. 2
NLV17SZ74USG ONSEMI-NLV17SZ74USG Datasheet
127Kb / 6P
   Single D Flip Flop
May, 2013 ??Rev. 10
NLX1G74 ONSEMI-NLX1G74 Datasheet
148Kb / 6P
   Single D Flip-Flop
April, 2009 ??Rev. 0
NLX1G74 ONSEMI-NLX1G74_13 Datasheet
123Kb / 6P
   Single D Flip-Flop
September, 2013 ??Rev. 1
NL17SZ74 ONSEMI-NL17SZ74_06 Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
   D FLIP-FLOP
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com