Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX5011BMX1TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSX5011BMX1TCG
Description  1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5011BMX1TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NLSX5011BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 8Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NLSX5011
www.onsemi.com
2
Figure 1. Typical Application Circuit
I/O VL1
I/O VLn
EN
OE
I/On
I/O1
GND
+1.8 V System
+1.8V
+3.6V
+3.6 V System
I/On
I/O1
GND
GND
NLSX5011
I/O VCC1
I/O VCCn
VL
VCC
Figure 2. Simplified Functional Diagram (1 I/O Line)
P
One−Shot
N
One−Shot
P
One−Shot
N
One−Shot
VL
I/O VL
I/O VCC
VCC
R1
R2
Figure 3. Application Example for VL < VCC
EN
ANO
mC
2.5 V
3.0 V
Peripheral
GND
NLSX5011
VL
VCC
I/O VL1 I/O VCC1
GPIO
EN
Figure 4. Application Example for VL > VCC
EN
ANO
mC
2.5 V
1.8 V
Peripheral
GND
NLSX5011
VL
VCC
I/O VL1 I/O VCC1
GPIO
EN
ORDERING INFORMATION
Device
Package
Shipping
NLSX5011AMUTBG
UDFN6, 1.45x1.0, 0.5P
(Pb−Free)
3000 / Tape & Reel
NLSX5011AMUTCG
NLSX5011MUTCG
UDFN6, 1.2x1.0, 0.4P
(Pb−Free)
NLSX5011AMX1TCG
ULLGA6, 1.45x1.0, 0.5P
(Pb−Free)
NLSX5011BMX1TCG
ULLGA6, 1.2x1.0, 0.4P
(Pb−Free)


Similar Part No. - NLSX5011BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011BMX1TCG ONSEMI-NLSX5011BMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
More results

Similar Description - NLSX5011BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com