Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX5011BMX1TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLSX5011BMX1TCG
Description  1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5011BMX1TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLSX5011BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 8Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 9Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 10Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 11Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 12Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 13Page - ON Semiconductor NLSX5011BMX1TCG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NLSX5011
www.onsemi.com
10
IMPORTANT APPLICATIONS INFORMATION
Level Translator Architecture
The
NLSX5011
auto−sense
translator
provides
bi−directional logic voltage level shifting to transfer data
in multiple supply voltage systems. These level translators
have two supply voltages, VL and VCC, which set the logic
levels on the input and output sides of the translator. When
used to transfer data from the I/O VL to the I/O VCC ports,
input signals referenced to the VL supply are translated to
output signals with a logic level matched to VCC. In a
similar manner, the I/O VCC to I/O VL translation shifts
input signals with a logic level compatible to VCC to an
output signal matched to VL.
The NLSX5011 translator consists of bi−directional
channels that independently determine the direction of the
data flow without requiring a directional pin. One−shot
circuits are used to detect the rising or falling input signals.
In addition, the one−shots decrease the rise and fall times
of the output signal for high−to−low and low−to−high
transitions.
Input Driver Requirements
Auto−sense translators such as the NLSX5011 have a
wide bandwidth, but a relatively small DC output current
rating. The high bandwidth of the bi−directional I/O circuit
is used to quickly transform from an input to an output
driver and vice versa. The I/O ports have a modest DC
current output specification so that the output driver can be
over driven when data is sent in the opposite direction. For
proper operation, the input driver to the auto−sense
translator should be capable of driving 2 mA of peak output
current. The bi−directional configuration of the translator
results in both input stages being active for a very short time
period. Although the peak current from the input signal
circuit is relatively large, the average current is small and
consistent with a standard CMOS input stage.
Enable Input (EN)
The NLSX5011 translator has an Enable pin (EN) that
provides tri−state operation at the I/O pins. Driving the
Enable pin to a low logic level minimizes the power
consumption of the device and drives the I/O VCC and I/O
VL pins to a high impedance state. Normal translation
operation occurs when the EN pin is equal to a logic high
signal. The EN pin is referenced to the VL supply and has
Over−Voltage Tolerant (OVT) protection.
Uni−Directional versus Bi−Directional Translation
The
NLSX5011
translator
can
function
as
a
non−inverting uni−directional translator. One advantage of
using the translator as a uni−directional device is that each
I/O pin can be configured as either an input or output. The
configurable input or output feature is especially useful in
applications such as SPI that use multiple uni−directional
I/O lines to send data to and from a device. The flexible I/O
port of the auto sense translator simplifies the trace
connections on the PCB.
Power Supply Guidelines
The values of the VL and VCC supplies can be set to
anywhere between 0.9 and 4.5 V. Design flexibility is
maximized because VL may be either greater than or less
than the VCC supply. In contrast, the majority of the
competitive auto sense translators has a restriction that the
value of the VL supply must be equal to less than (VCC
0.4) V.
The sequencing of the power supplies will not damage
the device during power−up operation. In addition, the I/O
VCC and I/O VL pins are in the high impedance state if
either supply voltage is equal to 0 V. For optimal
performance, 0.01 to 0.1
mF decoupling capacitors should
be used on the VL and VCC power supply pins. Ceramic
capacitors are a good design choice to filter and bypass any
noise signals on the voltage lines to the ground plane of the
PCB. The noise immunity will be maximized by placing
the capacitors as close as possible to the supply and ground
pins, along with minimizing the PCB connection traces.
The NLSX5011 translators have a power down feature
that provides design flexibility. The output ports are
disabled when either power supply is off (VL or VCC = 0 V).
This feature causes all of the I/O pins to be in the power
saving high impedance state.


Similar Part No. - NLSX5011BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011BMX1TCG ONSEMI-NLSX5011BMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
More results

Similar Description - NLSX5011BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com