Electronic Components Datasheet Search |
|
XC6203E242TL Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6203E242TL Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 18 page (Large Current) Positive Voltage Regulators Series 239 3 The XC6203E series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The XC6203E consists of a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between a voltage of 1.8V and 6.0V. SOT-89 (500mW), SOT-223 (1200mW) and TO-92 (300mW) package. ■General Description Maximum Output Current : 400mA Maximum Operating Voltage :8V Output Voltage Range : 1.8V ~ 6.0V (selectable in 0.1V steps) Highly Accurate : ± 2% Low Power Consumption : TYP 8.0 µA Output Voltage Temperature Characteristics : TYP ±100ppm/°C Operational Temperature Range : -40°C ~ 85°C Ultra Small Packages : SOT-89, SOT223, TO-92 GBattery Powered Equipment GReference Voltage Sources GCameras, Video Cameras GCD-ROMs, DVDs GPalmtops GPortable Audio Video Equipment ■Features ■Applications NCMOS Low Power Consumption (16µA max) NDropout Voltage : 150mV @ 100mA, 300mV @ 200mA NMaximum Output Current : more than 400mA (3.3V) NHighly Accurate : ± 2% NSOT-89 / SOT-223 / TO-92 Package 0 100 200 300 400 VIN=4.3V CIN=CL=1.0 µF(tantalum) Output Current:IOUT(mA) XC6203E332PR(3.3V) 3.4 3.3 3.2 3.1 3 Topr=25 °C -40 °C 85 °C CIN VIN VSS VOUT RL CL VIN (Tantalum) 1 µF 1 µF (Tantalum) ■Typical Application Circuit ■Typical Performance Characteristic 03S_03XC6203 02.9.12 2:54 PM ページ 239 |
Similar Part No. - XC6203E242TL |
|
Similar Description - XC6203E242TL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |