Electronic Components Datasheet Search |
|
NLSX5011 Datasheet(PDF) 5 Page - ON Semiconductor |
|
NLSX5011 Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 14 page NLSX5011 www.onsemi.com 5 TIMING CHARACTERISTICS Symbol Parameter Test Conditions (Note 5) VCC (V) (Note 6) VL (V) (Note 7) −55 5C to +1255C Unit Min Typ (Note 8) Max tR−VCC I/O VCC Rise Time CIOVCC = 15 pF 0.9 – 4.5 0.9 – 4.5 − − 8.5 nS 1.8 – 4.5 1.8 – 4.5 − − 3.5 tF−VCC I/O VCC Fall Time CIOVCC = 15 pF 0.9 – 4.5 0.9 – 4.5 − − 8.5 nS 1.8 – 4.5 1.8 – 4.5 − − 3.5 tR−VL I/O VL Rise Time CIOVL = 15 pF 0.9 – 4.5 0.9 – 4.5 − − 8.5 nS 1.8 – 4.5 1.8 – 4.5 − − 3.5 tF−VL I/O VL Fall Time CIOVL = 15 pF 0.9 – 4.5 0.9 – 4.5 − − 8.5 nS 1.8 – 4.5 1.8 – 4.5 − − 3.5 ZOVCC I/O VCC One−Shot Output Impedance (Note 9) 0.9 1.8 4.5 0.9 – 4.5 − − − 37 20 6.0 − − − W ZOVL I/O VL One−Shot Out- put Impedance (Note 9) 0.9 1.8 4.5 0.9 – 4.5 − − − 37 20 6.0 − − − W tPD_VL−VCC Propagation Delay (Driving I/O VCC) CIOVCC = 15 pF 0.9 – 4.5 0.9 – 4.5 − − 35 nS 1.8 – 4.5 1.8 – 4.5 − − 10 CIOVCC = 30 pF 0.9 – 4.5 0.9 – 4.5 − − 35 1.8 – 4.5 1.8 – 4.5 − − 10 CIOVCC = 50 pF 1.0 – 4.5 1.0 – 4.5 − − 37 1.8 – 4.5 1.8 – 4.5 − − 11 CIOVCC = 100 pF 1.2 – 4.5 1.2 – 4.5 − − 40 1.8 – 4.5 1.8 – 4.5 − − 13 tPD_VCC−VL Propagation Delay (Driving I/O VL) CIOVL = 15 pF 0.9 – 4.5 0.9 – 4.5 − − 35 nS 1.8 – 4.5 1.8 – 4.5 − − 10 CIOVL = 30 pF 0.9 – 4.5 0.9 – 4.5 − − 35 1.8 – 4.5 1.8 – 4.5 − − 10 CIOVL = 50 pF 1.0 – 4.5 1.0 – 4.5 − − 37 1.8 – 4.5 1.8 – 4.5 − − 11 CIOVL = 100 pF 1.2 – 4.5 1.2 – 4.5 − − 40 1.8 – 4.5 1.8 – 4.5 − − 13 tSK Channel−to−Channel Skew CIOVCC = 15 pF, CIOVL = 15 pF (Note 9) 0.9 – 4.5 0.9 – 4.5 − − 0.15 nS IIN_PEAK Input Driver Maximum Peak Current EN = VL; I/O_VCC = 1 MHz Square Wave, Amplitude = VCC, or I/O_VL = 1 MHz Square Wave, Amplitude = VL (Note 9) 0.9 – 4.5 0.9 – 4.5 − − 5.0 mA 5. Normal test conditions are VI = 0 V, CIOVCC ≤ 15 pF and CIOVL ≤ 15 pF, unless otherwise specified. 6. VCC is the supply voltage associated with the I/O VCC port, and VCC ranges from +0.9 V to 4.5 V under normal operating conditions. 7. VL is the supply voltage associated with the I/O VL port, and VL ranges from +0.9 V to 4.5 V under normal operating conditions. 8. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design. 9. Guaranteed by design. |
Similar Part No. - NLSX5011 |
|
Similar Description - NLSX5011 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |