Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9655E Datasheet(PDF) 16 Page - ON Semiconductor

Part # PCA9655E
Description  Remote 16-bit I/O Expander
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9655E Datasheet(HTML) 16 Page - ON Semiconductor

Back Button PCA9655E Datasheet HTML 12Page - ON Semiconductor PCA9655E Datasheet HTML 13Page - ON Semiconductor PCA9655E Datasheet HTML 14Page - ON Semiconductor PCA9655E Datasheet HTML 15Page - ON Semiconductor PCA9655E Datasheet HTML 16Page - ON Semiconductor PCA9655E Datasheet HTML 17Page - ON Semiconductor PCA9655E Datasheet HTML 18Page - ON Semiconductor PCA9655E Datasheet HTML 19Page - ON Semiconductor PCA9655E Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PCA9655E
www.onsemi.com
16
Figure 15. Acknowledgement of the I2C Bus
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from master
TIMING AND TEST SETUP
Figure 16. Definition of Timing on the I2C Bus
tSP
tBUF
tHD;STA
P
P
S
tLOW
tr
tHD;DAT
tf
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
Figure 17. Test Circuitry for Switching Times
Figure 18. Load Circuit
PULSE
GENERATOR
VO
CL
50 pF
RL
500
W
RT
VI
VDD
DUT
VDD
open
GND
CL
50 pF
RL
500
W
from output under test
2VDD
open
GND
S1
RL
500
W
RL = load resistor.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance of Zo of the pulse generators.


Similar Part No. - PCA9655E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
PCA9655E ONSEMI-PCA9655E Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
PCA9655EDTR2G ONSEMI-PCA9655EDTR2G Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
PCA9655EDTR2G ONSEMI-PCA9655EDTR2G Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
More results

Similar Description - PCA9655E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com