Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9655E Datasheet(PDF) 10 Page - ON Semiconductor

Part # PCA9655E
Description  Remote 16-bit I/O Expander
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9655E Datasheet(HTML) 10 Page - ON Semiconductor

Back Button PCA9655E Datasheet HTML 6Page - ON Semiconductor PCA9655E Datasheet HTML 7Page - ON Semiconductor PCA9655E Datasheet HTML 8Page - ON Semiconductor PCA9655E Datasheet HTML 9Page - ON Semiconductor PCA9655E Datasheet HTML 10Page - ON Semiconductor PCA9655E Datasheet HTML 11Page - ON Semiconductor PCA9655E Datasheet HTML 12Page - ON Semiconductor PCA9655E Datasheet HTML 13Page - ON Semiconductor PCA9655E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PCA9655E
www.onsemi.com
10
Registers 4 and 5: Polarity Inversion Registers
These registers allow the polarity of the data in the input
port registers to be inverted. The input port data polarity will
be inverted when its corresponding bit in these registers is
set (written with ‘1’), and retained when the bit is cleared
(written with a ‘0’).
Table 12. POLARITY INVERSION PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
Default
0
0
0
0
0
0
0
0
Table 13. POLARITY INVERSION PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
Default
0
0
0
0
0
0
0
0
Registers 6 and 7: Configuration Registers
The I/O pin directions are configured through the
configuration registers. When a bit in the configuration
registers is set (written with ‘1’), the bit’s corresponding port
pin is enabled as an input with the output driver in
high−impedance. When a bit is cleared (written with ‘0’),
the corresponding port pin is enabled as an output. Note that
there is a high value resistor tied to VDD at each pin. At reset,
the device’s ports are inputs with a pull−up to VDD.
Table 14. CONFIGURATION PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
1
1
1
1
1
1
1
1
Table 15. CONFIGURATION PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
1
1
1
1
1
1
1
1
Power−on Reset
Upon application of power, an internal Power−On Reset
(POR) holds the PCA9655E in a reset condition while VDD
is ramping up. When VDD has reached VPOR, the reset
condition is released and the PCA9655E registers and
SMBus state machine will initialize to their default states.
The reset is typically completed by the POR and the part
enabled by the time the power supply is above VPOR.
However, when doing a power reset cycle, it is necessary to
lower the power supply below 0.2 V, and then restored to the
operating voltage. Please refer to application note
AND9169/D for recommended power−up and power−cycle
reset profiles.
I/O Port (see Figure 2)
When an I/O pin is configured as an input, FETs Q1 and
Q2 are off, creating a high−impedance input with a weak
pull−up (100 k
W typ) to VDD. The input voltage may be
raised above VDD to a maximum of 5.5 V.
When the I/O pin is configured as an output, then either Q1
or Q2 is enabled, depending on the state of the Output Port
register. Care should be exercised if an external voltage is
applied to an I/O configured as an output because of the
low−impedance path that exists between the pin and either
VDD or VSS.


Similar Part No. - PCA9655E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
PCA9655E ONSEMI-PCA9655E Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
PCA9655EDTR2G ONSEMI-PCA9655EDTR2G Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
PCA9655EDTR2G ONSEMI-PCA9655EDTR2G Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
More results

Similar Description - PCA9655E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com