Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ12 Datasheet(PDF) 8 Page - Vincotech

Part # FZ12
Description  Compact and low inductance design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ12 Datasheet(HTML) 8 Page - Vincotech

Back Button FZ12 Datasheet HTML 4Page - Vincotech FZ12 Datasheet HTML 5Page - Vincotech FZ12 Datasheet HTML 6Page - Vincotech FZ12 Datasheet HTML 7Page - Vincotech FZ12 Datasheet HTML 8Page - Vincotech FZ12 Datasheet HTML 9Page - Vincotech FZ12 Datasheet HTML 10Page - Vincotech FZ12 Datasheet HTML 11Page - Vincotech FZ12 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FZ12 / F0122PA050SC01
preliminary datasheet
Figure 17
Output inverter FRED
Figure 18
Output inverter FRED
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
50
A
Rgon =
8
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FRED
IGBT transient thermal impedance
FRED transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,45
K/W
RthJH =
0,64
K/W
IGBT thermal model values
FRED thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,04
2,8E+00
0,02
9,5E+00
0,07
5,6E-01
0,08
1,1E+00
0,16
8,6E-02
0,14
1,4E-01
0,10
3,0E-02
0,26
3,4E-02
0,04
2,7E-03
0,08
3,9E-03
0,03
3,7E-04
0,06
4,6E-04
Output Inverter
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
Tj = Tjmax - 25°C
dI0/dt
dIrec/dtHigh T
dIrec/dt
Tj = 25°C
0
2000
4000
6000
8000
10000
0
8
16
24
32
40
R gon (
Ω )
di0/dtHigh T
dIrec/dtHigh T
dIrec/dtLow T
dIo/dtLow T
0
1000
2000
3000
4000
5000
6000
0
2040
6080
100
I C (A)
dIrec/dt
dI0/dt
8
Revision: 1
Copyright by Vincotech


Similar Part No. - FZ12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FZ1200 GOOD-ARK-FZ1200 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
logo
Infineon Technologies A...
FZ1200R12HE4 INFINEON-FZ1200R12HE4 Datasheet
609Kb / 9P
   IHM-B Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
2015-09-29 revision:V2.4
FZ1200R12HE4P INFINEON-FZ1200R12HE4P Datasheet
584Kb / 9P
   IHM-B Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und bereits aufgetragenem Thermal Interface Material
V3.0 2016-10-17
FZ1200R12HP4 INFINEON-FZ1200R12HP4 Datasheet
1Mb / 9P
   IHM-B module with soft-switching Trench-IGBT4
2009-06-19 rev 2.2
logo
Power Integrations, Inc...
FZ1200R12HP4 POWERINT-FZ1200R12HP4 Datasheet
189Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-08
More results

Similar Description - FZ12

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
   Compact and Low Inductance Design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-PM VINCOTECH-V23990-P824-F10-PM Datasheet
700Kb / 16P
   Compact and Low Inductance Design
V23990-P824-F10-P2-14 VINCOTECH-V23990-P824-F10-P2-14 Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA040FB-P984D18 VINCOTECH-10-FZ062TA040FB-P984D18 Datasheet
2Mb / 20P
   Compact and low inductance design
V23990-P829-F10-PM VINCOTECH-V23990-P829-F10-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com