Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI200N25N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPI200N25N3G
Description  OptiMOSTM3 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI200N25N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPI200N25N3G Datasheet HTML 1Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 2Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 3Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 4Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 5Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 6Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 7Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 8Page - Infineon Technologies AG IPI200N25N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPB200N25N3 G
IPP200N25N3 G
IPI200N25N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
5340
7100
pF
Output capacitance
C oss
-
297
395
Reverse transfer capacitance
C rss
-
4
-
Turn-on delay time
t d(on)
-
18
-
ns
Rise time
t r
-
20
-
Turn-off delay time
t d(off)
-
45
-
Fall time
t f
-
12
-
Gate Charge Characteristics
4)
Gate to source charge
Q gs
-
22
-
nC
Gate to drain charge
Q gd
-
7
-
Switching charge
Q sw
-
13
-
Gate charge total
Q g
-
64
86
Gate plateau voltage
V plateau
-
4.2
-
V
Output charge
Q oss
V DD=100 V, V GS=0 V
-
135
179
nC
Reverse Diode
Diode continous forward current
I S
-
-
64
A
Diode pulse current
I S,pulse
-
-
256
Diode forward voltage
V SD
V GS=0 V, I F=64 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
170
-
ns
Reverse recovery charge
Q rr
-
780
-
nC
4) See figure 16 for gate charge parameter definition
V R=100 V, I F=25 A,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=100 V,
f =1 MHz
V DD=100 V,
V GS=10 V, I D=25 A,
R G=1.6 W
V DD=100 V, I D=25 A,
V GS=0 to 10 V
Rev. 2.4
page 3
2011-07-14


Similar Part No. - IPI200N25N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI200N25N3G INFINEON-IPI200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPI200N25N3G INFINEON-IPI200N25N3G Datasheet
719Kb / 11P
   OptiMOS3 Power-Transistor
Rev. 2.3 2010-10-19
More results

Similar Description - IPI200N25N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com