Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STD5N80K5 Datasheet(PDF) 15 Page - STMicroelectronics

Part No. STD5N80K5
Description  N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STD5N80K5 Datasheet(HTML) 15 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STD5N80K5
Revision history
DocID028513 Rev 2
15/16
5
Revision history
Table 12: Document revision history
Date
Revision
Changes
08-Jan-2016
1
First release.
09-May-2016
2
Modified: title
Modified: Table 2: "Absolute maximum ratings", Table 3: "Thermal
data", Table 5: "On/off-state", Table 6: "Dynamic", Table 7: "Switching
times" and Table 8: "Source-drain diode"
Added: Section 3.1: "Electrical characteristics (curves)"
Modified: Section 4: "Test circuits"
Minor text changes


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn