Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD05C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # PESD05C
Description  STANDARD CAPACITANCE TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

PESD05C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  PESD05C Datasheet HTML 1Page - SUNMATE electronic Co., LTD PESD05C Datasheet HTML 2Page - SUNMATE electronic Co., LTD PESD05C Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Parameter
Maximum Reverse Peak Pulse Current
IPP
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
IF
Forward Current
VF
Forward Voltage @ IF
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
VC (V)
@ IPP=5 A*
VC (V)
@ Max IPP*
IPP
(A)*
C@OV 1MHz
(pF)
Device
Max
Max
Min
Max
mA
Typ
Max
Max
Typ
3.3
40
4.0
6.5
1.0
9.0
10.9
20
500
5.0
10
6.2
7.3
1.0
9.8
14.5
20
350
12
1.0
13.3
15.75
1.0
19
25
12
150
*Surge current waveform per Figure 1.
1.
VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
Fig1. Pulse Waveform
Fig2. Power Derating
PESD05C
PESD12C
PESD03C


Similar Part No. - PESD05C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PESD05C SUNMATE-PESD05C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
More results

Similar Description - PESD05C

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
   STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Protek Devices
SMDB05 PROTEC-SMDB05 Datasheet
101Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PLW1201H PROTEC-PLW1201H Datasheet
57Kb / 3P
   STANDARD CAPACITANCE TVS COMPONENT
logo
Pan Jit International I...
PJSOT03 PANJIT-PJSOT03 Datasheet
50Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PA36WR-2 PROTEC-PA36WR-2 Datasheet
95Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
TMDA05-18 PROTEC-TMDA05-18 Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1603 PROTEC-SM1603 Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N Datasheet
124Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM14M05C PROTEC-SM14M05C Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com