Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME2303 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ME2303
Description  Super high density cell design for extremely low RDS(ON)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ME2303 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ME2303 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ME2303 Datasheet HTML 2Page - SUNMATE electronic Co., LTD ME2303 Datasheet HTML 3Page - SUNMATE electronic Co., LTD ME2303 Datasheet HTML 4Page - SUNMATE electronic Co., LTD ME2303 Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P-Channel Enhancement Mode Mosfet
Symbol
Parameter
Limit
Min
Typ
Max
Unit
STATIC
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250μA
-30
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250μA
-1
-3.0
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-30V, VGS=0V
-1
μ
A
VGS=-10V, ID= -1.7A
60
75
RDS(ON)
Drain-Source On-Resistance
a
VGS=-4.5V, ID= -1.3A
75
100
VSD
Diode Forward Voltage
IS=-1.25A, VGS=0V
-0.7
-1.4
V
DYNAMIC
Qg
Total Gate Charge
14.4
Qgs
Gate-Source Charge
2.7
Qgd
Gate-Drain Charge
VDS=-15V, VGS=-10V,
ID=-1.7A
3.6
nC
Rg
Gate resistance
VDS=0V, VGS=0V, f=1MHz
4
Ciss
Input Capacitance
464
Coss
Output Capacitance
72
Crss
Reverse Transfer Capacitance
VDS=-15V, VGS=0V,
f=1MHz
23
pF
td(on)
Turn-On Delay Time
32
tr
Turn-On Rise Time
17
td(off)
Turn-Off Delay Time
40
tf
Turn-Off Fall time
VDS=-15V, RL =15Ω
RGEN=6Ω, VGS=-10V
5
ns
Notes: a. Pulse test; pulse width ≦ 300us, duty cycle≦ 2%
Electrical Characteristics
(TA =25℃ Unless Otherwise Specified)


Similar Part No. - ME2303

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ME2303 VBSEMI-ME2303 Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - ME2303

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2306 AMS-AMS2306 Datasheet
762Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS2319 AMS-AMS2319 Datasheet
343Kb / 8P
   Super high density cell design for extremely low RDS(ON)
AMS3400SRG AMS-AMS3400SRG Datasheet
671Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS8205A AMS-AMS8205A Datasheet
780Kb / 7P
   Super high density cell design for extremely low RDS(ON)
AMS2305 AMS-AMS2305 Datasheet
318Kb / 6P
   Super high density cell design for extremely low RDS(ON)
logo
List of Unclassifed Man...
ME15N10-G ETC2-ME15N10-G Datasheet
1,000Kb / 4P
   Super high density cell design for extremely low RDS(ON)
logo
First Silicon Co., Ltd
FTK4614 FS-FTK4614 Datasheet
477Kb / 5P
   Super High Density Cell Design for Extremely Low RDS(ON)
logo
Advanced Monolithic Sys...
AMS2304 AMS-AMS2304 Datasheet
683Kb / 6P
   Super high density cell design for extremely low RDS(ON)
AMS3401M23RG AMS-AMS3401M23RG Datasheet
306Kb / 6P
   Super high density cell design for Extremely low RDS(ON)
AMS3402 AMS-AMS3402 Datasheet
736Kb / 6P
   Super high density cell design for extremely low RDS(ON)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com