Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5565LD Datasheet(PDF) 6 Page - Sanken electric

Part # LC5565LD
Description  Integrated on-time control circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5565LD Datasheet(HTML) 6 Page - Sanken electric

Back Button LC5565LD Datasheet HTML 2Page - Sanken electric LC5565LD Datasheet HTML 3Page - Sanken electric LC5565LD Datasheet HTML 4Page - Sanken electric LC5565LD Datasheet HTML 5Page - Sanken electric LC5565LD Datasheet HTML 6Page - Sanken electric LC5565LD Datasheet HTML 7Page - Sanken electric LC5565LD Datasheet HTML 8Page - Sanken electric LC5565LD Datasheet HTML 9Page - Sanken electric LC5565LD Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SANKEN ELECTRIC CO., LTD.
LC5560LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5560LD
Series
November 26, 2012
10
1
0.1
0.01
Transient Thermal Resistance Curve
Time (s)
10–6
10–5
10–4
10–3
10–2
10–1
Ambient Temperature, TA (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
255075
125
100
150
MOSFET Temperature versus Power Dissipation Curve
Channel Temperature, Tch (°C)
100
80
60
40
20
0
25
50
75
125
100
150
MOSFET Avalanche Energy Derating Coefficient Curve
Drain-to-Source Voltage, VDS (V)
10
1
0.1
0.01
1
10
100
1000
MOSFET Safe Operating Area Curve
Drain current limited
by on-resistance
1 ms
0.1 ms
To use this graph, apply the S.O.A
temperature derating coefficient
taken from the graph at the left
TA = 25°C, single pulse
100
80
60
40
20
0
S. O. A. Temperature Derating Coefficient Curve
Channel Temperature, Tch (°C)
0
255075
125
100
150
Characteristic Performance
LC5566LD


Similar Part No. - LC5565LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results

Similar Description - LC5565LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
   Constant ON-time control
July 2009 Rev 4
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
   Constant On Time PWM Control
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711_07 Datasheet
1Mb / 21P
   Ballast Control Integrated Circuit
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
   Engine Control Integrated Circuit
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Changyuntong Semiconduc...
CYT8011TG CYT-CYT8011TG Datasheet
632Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
CYT8012TG CYT-CYT8012TG Datasheet
570Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
logo
NTE Electronics
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com