Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS200P Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # RS200P
Description  Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RS200P Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  RS200P Datasheet HTML 1Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 2Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 3Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 4Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 5Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 6Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 7Page - Cooper Bussmann, Inc. RS200P Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
0415
BU-SB13988
Page 8 of 8
Data Sheet # 10083
Red Spot Fuse Holders
Red Spot Holder Accessories
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended
to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product
has been selected, it should be tested by the user in all possible applications.
Fuse Holder
Part Number
RS20
RS20LOCK
RS32
RS32LOCK
RS63
RS63LOCK
RS100
RS100LOCK
Fuse Holder
Part Number
RS20
RS20RED
RS32
RS32RED
RS63
RS63RED
RS100
RS100RED
Fuse Holder
Part Number*
Use with Bussmann Fuse
RS100
P5372-10
_CIH07 (25-30A)
_CIK07 (35-60A)
RS400
TCA2
_MC09C (125-200A)
* One kit required per fuse.
Fuse Holder
Part Number**
Use with GS Fuse
RS32
GRS32-A
GSA 5 to 20A
RS63
GRS63-A
GSA 25 to 50A
* One kit required per fuse.
Padlockable Insert fits into fuse holder and accepts small padlock.
Red Warning Carrier replaces the regular fuse carrier and cannot hold a fuse.
Fuse Adaptor Kits mount on the fuse carrier to accept a smaller dimensioned
fuse.
Adaptors for GS fuses mount
on the fuse carrier to accept a
smaller dimensioned fuse.
Includes label to indicate use
of GS fuse.
Padlockable Inserts
Red Warning Carriers
Fuse Adaptor Kits
Adaptors for GS Fuses


Similar Part No. - RS200P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
RS200P EATON-RS200P Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
RS200PH EATON-RS200PH Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
RS200PWH EATON-RS200PWH Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
More results

Similar Description - RS200P

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
RS20H EATON-RS20H Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
logo
Littelfuse
245 LITTELFUSE-245 Datasheet
497Kb / 1P
   245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
logo
Cooper Bussmann, Inc.
NITD6A COOPER-NITD6A Datasheet
22Kb / 1P
   Industrial HRC Fuse
logo
Littelfuse
LFPXV0001Z LITTELFUSE-LFPXV0001Z Datasheet
351Kb / 2P
   LFPXV TOUCH-SAFE FUSE HOLDERS
Rev: 1-B-072919
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
EF355 COOPER-EF355_15 Datasheet
94Kb / 4P
   EF Industrial HRC fuse links
logo
Eaton All Rights Reserv...
JT600 EATON-JT600 Datasheet
817Kb / 4P
   Safety J finger-safe 30 and 60 amp Class J fuse holders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com