Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3408 Datasheet(PDF) 2 Page - NEC

Part # 2SK3408
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3408 Datasheet(HTML) 2 Page - NEC

  2SK3408 Datasheet HTML 1Page - NEC 2SK3408 Datasheet HTML 2Page - NEC 2SK3408 Datasheet HTML 3Page - NEC 2SK3408 Datasheet HTML 4Page - NEC 2SK3408 Datasheet HTML 5Page - NEC 2SK3408 Datasheet HTML 6Page - NEC 2SK3408 Datasheet HTML 7Page - NEC 2SK3408 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D15016EJ3V0DS
2
2SK3408
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30.4 V, VGS = 0 V10
µA
Gate Leakage Current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 0.5 A1
2.0
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 0.5 A
155
195
m
RDS(on)2
VGS = 4.5 V, ID = 0.5 A
185
250
m
RDS(on)3
VGS = 4.0 V, ID = 0.5 A
195
260
m
Input Capacitance
Ciss
VDS = 10 V
230
pF
Output Capacitance
Coss
VGS = 0 V50
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
30
pF
Turn-on Delay Time
td(on)
VDD = 20 V18
ns
Rise Time
tr
ID = 0.5 A14
ns
Turn-off Delay Time
td(off)
VGS(on) = 10 V
115
ns
Fall Time
tf
RG = 10
38
ns
Total Gate Charge
QG
VDS = 30.4 V4.0
nC
Gate to Source Charge
QGS
ID = 1.0 A1.0
nC
Gate to Drain Charge
QGD
VGS = 10 V1.0
nC
Body Diode Forward Voltage
VF(S-D)
IF = 1.0 A, VGS = 0 V0.81
V
Reverse Recovery Time
trr
IF = 1.0 A, VGS = 0 V25
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A /
µs16
nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS(on)
10%
0
ID
90%
90%
td(on)
tr td(off)
tf
10%
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - 2SK3408

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3408 RENESAS-2SK3408 Datasheet
198Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SK3408 RENESAS-2SK3408_15 Datasheet
198Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SK3408

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com