Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV-20A14LF10F Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # PV-20A14LF10F
Description  14x65mm photovoltaic fuses ??1500/1300Vdc, 2.25-32A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PV-20A14LF10F Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  PV-20A14LF10F Datasheet HTML 1Page - Cooper Bussmann, Inc. PV-20A14LF10F Datasheet HTML 2Page - Cooper Bussmann, Inc. PV-20A14LF10F Datasheet HTML 3Page - Cooper Bussmann, Inc. PV-20A14LF10F Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1172
Effective June 2015
14x65mm photovoltaic fuses — 1500/1300Vdc, 2.25-32A
Eaton.com/bussmannseries
Recommended fuseclips:
Part number
Description/data sheet No.
1A3400-09 (up to 20A)
1A3400-10 (up to 30A)
1A3400-12 (up to 15A)
PCB Fuseclips for PV-(amp)A14LF10F with
10mm fixings # 2131
Time-current characteristics
0.01
0.1
1
10
100
1000
10000
0
0
0
1
0
0
1
0
1
1
2.25A
4A
3A
2.5A
3.5A
15A
20A
Available Current, DC - Time Constant, 1-3ms (Amps)


Similar Part No. - PV-20A14LF10F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-20A14F COOPER-PV-20A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
More results

Similar Description - PV-20A14LF10F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1005 MICROSEMI-MXP1005 Datasheet
175Kb / 5P
   Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
   10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Bourns Electronic Solut...
PF-E BOURNS-PF-E Datasheet
591Kb / 4P
   PF-E Series – Photovoltaic (gPV) Power Fuses
REV. 05/22
PF-H_GPV BOURNS-PF-H_GPV Datasheet
670Kb / 4P
   PF-H (gPV) Series – Photovoltaic Power Fuses
REV. 05/22
logo
List of Unclassifed Man...
PV-1A10F ETC1-PV-1A10F Datasheet
954Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Eaton All Rights Reserv...
PV-1A10F EATON-PV-1A10F Datasheet
958Kb / 4P
   10x38mm photovoltaic fuses ??1000 Vdc, 1-20 A
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
   PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
List of Unclassifed Man...
PVA01APSSS001C ETC-PVA01APSSS001C Datasheet
100Kb / 5P
   Photovoltaic substrate
logo
International Rectifier
PVI5033R IRF-PVI5033R Datasheet
90Kb / 4P
   Photovoltaic Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com